PART |
Description |
Maker |
ISL6244 |
PWM Controller, Multiphase Power Controller with 2, 3, or 4 Phase for AMD Mobile Hammer
|
Intersil
|
EM12D15-750 EM24D15-750 EM48D15-750 EM12S15-1500 E |
Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTTTermination; Temperature Range: 0°C to 70°C; Package: 24-SOIC Synchronous Buck Pulse-Width Modulator (PWM) Controller; Temperature Range: 0°C to 70°C; Package: 14-SOIC Multi-Purpose Precision Multiphase PWM Controller With Optional Active Voltage Positioning; Temperature Range: -40°C to 85°C; Package: 20-QFN Multiphase PWM Controller; Temperature Range: 0°C to 70°C; Package: 28-SOIC Multiphase PWM Controller; Temperature Range: 0°C to 70°C; Package: 32-QFN 模拟IC Dual 5V Synchronous Buck Pulse-Width Modulator (PWM) Controller for DDRAM Memory VDDQ and VTTTermination; Temperature Range: 0°C to 70°C; Package: 32-QFN T&R 模拟IC 3-in-1 ACPI Regulator/Controller for Dual Channel DDR and DDR2 Memory Systems; Temperature Range: 0°C to 70°C; Package: 28-QFN T&R 模拟IC
|
Electronic Theatre Controls, Inc. Electronic Devices, Inc. Square D by Schneider Electric
|
ISL9506 |
Multiphase PWM Controller with Programmable Output Voltage
|
Intersil
|
ISL6590 ISL6590DR ISL6580 |
PWM, Integrated Power Stage, 25A Peak, VIN =12V, with Low Side MOSFET Driver and Serial Control Interface, use with ISL6590 VRM10 Apps PWM Controller, Digital Multiphase VRM10, VOUT = 0.8375V to 1.60V @ 120A (using 6x ISL6580), Serial Interface to ISL6580, Programmable AVP Digital Multi-Phase PWM Controller for Core-Voltage Regulation
|
Intersil Corporation
|
ISL6315 ISL6315CR ISL6315CRZ ISL6315EVAL1 ISL6315I |
Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
|
Intersil Corporation
|
EM4100A5CI2LC EM4100A5CX EM4100A5CY EM4100A6CB2RC |
Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC 模拟杂项 ZVS Full Bridge PWM Controller; Temperature Range: -40°C to 85°C; Package: 28-SOIC 模拟杂项 Analog Miscellaneous 模拟杂项 ZVS Full Bridge PWM Controller; Temperature Range: -40°C to 85°C; Package: 28-SOIC Microprocessor CORE Voltage Regulator 2-4 Phase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-QFN Single 12V Input Supply Dual Regulator - Synchronous Rectified Buck PWM and Linear Power Controller; Temperature Range: -40°C to 85°C; Package: 16-QFN ZVS Full Bridge PWM Controller; Temperature Range: -25°C to 85°C; Package: 28-SOIC ZVS Full Bridge PWM Controller; Temperature Range: -25°C to 85°C; Package: 28-QFN T&R AnalogMiscellaneous
|
EPCOS AG TE Connectivity, Ltd.
|
ISL6564AIRZ ISL6564ACRZ ISL6564A |
Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
|
INTERSIL[Intersil Corporation]
|
HIP631104 HIP6311CBZA HIP6301EVAL1 HIP6311 HIP6311 |
Microprocessor CORE Voltage Regulator Multiphase Buck PWM Controller; Temperature Range: 0°C to 70°C; Package: 20-SOIC T&R SWITCHING CONTROLLER, 1500 kHz SWITCHING FREQ-MAX, PDSO20 Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
ISL6564A |
Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing 多相PWM控制器,带有线位DAC能精密的RDSON)或DCR差分电流检
|
Intersil, Corp.
|
EMC5.0F-LC EMC8.0F-LC EMC3.3F-LC EMC15F-LC EMC12F- |
Direct ProTek Replacement:EMC5.0F-LC Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 24-QFN 1.2A Integrated FETs, High Efficiency Synchronous Buck Regulator; Temperature Range: -40°C to 85°C; Package: 10-DFN High Power LED Driver; Temperature Range: -25°C to 85°C; Package: 20-QFN Automotive Grade TFT-LCD DC/DC with Integrated Amplifiers; Temperature Range: -25°C to 85°C; Package: 32-TQFP 直接太克替代:EMC3.3F,立法会 Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers; Temperature Range: 0°C to 70°C; Package: 24-QFN 直接太克替代:EMC8.0F,立法会
|
New Japan Radio Co., Ltd.
|
ISL95853 |
Multiphase PWM Regulator for IMVP8 CPUs
|
Intersil Corporation
|
ISL6353 ISL6353EVAL1Z ISL6353CRTZ ISL6353IRTZ |
Multiphase PWM Regulator for VR12 DDR Memory Systems
|
Intersil Corporation
|